Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 353 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 353 Page - SIMCom

Back Button SIM800 Datasheet HTML 349Page - SIMCom SIM800 Datasheet HTML 350Page - SIMCom SIM800 Datasheet HTML 351Page - SIMCom SIM800 Datasheet HTML 352Page - SIMCom SIM800 Datasheet HTML 353Page - SIMCom SIM800 Datasheet HTML 354Page - SIMCom SIM800 Datasheet HTML 355Page - SIMCom SIM800 Datasheet HTML 356Page - SIMCom SIM800 Datasheet HTML 357Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
353
2015-08-03
initialization procedure is over.
+CFUN: <fun>
Phone functionality indication (This
URC does not appear when
auto-bauding function is active).
AT+IPR=<rate>
<rate> is not 0
[<n>,]CONNECT OK
TCP/ UDP connection is successful
AT+CIPSTART
CONNECT
TCP/UDP connection in channel mode is
successful
[<n>,]CONNECT FAIL
TCP/UDP connection fails
AT+CIPSTART
[<n>,]ALREADY
CONNECT
TCP/UDP connection exists
AT+CIPSTART
[<n>,]SEND OK
Data sending is successful
[<n>,]CLOSED
TCP/UDP connection is closed
RECV FROM: <IP
ADDRESS>: <PORT>
shows remote IP address and port
(only in single connection mode)
AT+CIPSRIP=1
+IPD, <data
size>,<TCP/UDP>:<data>
display transfer protocol in IP header to
received data or not (only in single
connection mode)
AT+CIPHEAD
AT+CIPSHOWTP
+RECEIVE,<n>,<length>
Received data from remote client (only
in multiple connection mode)
REMOTE IP: <IP
ADDRESS>
Remote client connected in
+CDNSGIP: 1,<domain
name>,<IP>[,<IP2>]
DNS successful
AT+CDNSGIP
+CDNSGIP:0,<dns error
code>
DNS failed
+PDP: DEACT
GPRS is disconnected by network
+SAPBR <cid>: DEACT
The bearer based on IP connection of
SIMCom application is deactivated.
+HTTPACTION:
<Method>,<StatusCode>,<Da
taLen>
Indicates HTTP method, Status Code
responded by remote server and the
length of data got.
AT+HTTPACTIO
N=<Method>
+FTPGET:1,<res>
FTPGET session
AT+FTPGET=1
+FTPPUT:1,1,<maxlength>
It is ready to upload data.
AT+FTPPUT
+FTPPUT:1,<res>
FTP return result
AT+FTPPUT
+FTPDELE:1,<res>
FTP delete session
AT+FTPDELE
+FTPSIZE:1,<res>,<size>
FTP size session
AT+FTPSIZE
+FTPMKD:1,<res>
FTP create directory (not supported for
all versions)
AT+FTPMKD
+FTPRMD:1,<res>
FTP delete directory (not supported for
all versions)
AT+FTPRMD
+FTPLIST:1,<res>
FTP list session (not supported for all
AT+FTPLIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com