Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 106 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 104Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 105Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 106Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 107Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 108Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 109Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 185 page
background image
106
AT89C5131A-L
4338E–USB–06/06
Table 81. Status in Master Transmitter Mode
Status
Code
SSSTA
Status of the Two-
wire Bus and Two-
wire Hardware
Application software response
Next Action Taken by Two-wire Hardware
To/From SSDAT
To SSCON
SSSTA
SSSTO
SSI
SSAA
08h
A START condition has
been transmitted
Write SLA+W
X
0
0
X
SLA+W will be transmitted.
10h
A repeated START
condition has been
transmitted
Write SLA+W
Write SLA+R
X
X
0
0
0
0
X
X
SLA+W will be transmitted.
SLA+R will be transmitted.
Logic will switch to master receiver mode
18h
SLA+W has been
transmitted; ACK has
been received
Write data byte
No SSDAT action
No SSDAT action
No SSDAT action
0
1
0
1
0
0
1
1
0
0
0
0
X
X
X
X
Data byte will be transmitted.
Repeated START will be transmitted.
STOP condition will be transmitted and SSSTO flag
will be reset.
STOP condition followed by a START condition will
be transmitted and SSSTO flag will be reset.
20h
SLA+W has been
transmitted; NOT ACK
has been received
Write data byte
No SSDAT action
No SSDAT action
No SSDAT action
0
1
0
1
0
0
1
1
0
0
0
0
X
X
X
X
Data byte will be transmitted.
Repeated START will be transmitted.
STOP condition will be transmitted and SSSTO flag
will be reset.
STOP condition followed by a START condition will
be transmitted and SSSTO flag will be reset.
28h
Data byte has been
transmitted; ACK has
been received
Write data byte
No SSDAT action
No SSDAT action
No SSDAT action
0
1
0
1
0
0
1
1
0
0
0
0
X
X
X
X
Data byte will be transmitted.
Repeated START will be transmitted.
STOP condition will be transmitted and SSSTO flag
will be reset.
STOP condition followed by a START condition will
be transmitted and SSSTO flag will be reset.
30h
Data byte has been
transmitted; NOT ACK
has been received
Write data byte
No SSDAT action
No SSDAT action
No SSDAT action
0
1
0
1
0
0
1
1
0
0
0
0
X
X
X
X
Data byte will be transmitted.
Repeated START will be transmitted.
STOP condition will be transmitted and SSSTO flag
will be reset.
STOP condition followed by a START condition will
be transmitted and SSSTO flag will be reset.
38h
Arbitration lost in
SLA+W or data bytes
No SSDAT action
No SSDAT action
0
1
0
0
0
0
X
X
Two-wire bus will be released and not addressed
slave mode will be entered.
A START condition will be transmitted when the bus
becomes free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com