Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 109 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 105Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 106Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 107Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 108Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 109Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 110Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 111Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 112Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 185 page
background image
109
AT89C5131A-L
4338E–USB–06/06
Figure 53. Format and State in the Slave Receiver Mode
SSLA
W
A
Data
A
Data
P or S
A
P or S
A
General Call
A
Data
A
Data
P or S
A
A
60h
68h
80h
80h
A0h
88h
70h
90h
90h
A0h
P or S
A
98h
A
78h
Data
A
n
From master to slave
From slave to master
Any number of data bytes and their associated
acknowledge bits
This number (contained in SSCS) corresponds
to a defined state of the 2-wire bus
Reception of the own
slave address and one or
more data bytes. All are
acknowledged.
Last data byte received
is not acknowledged.
Arbitration lost as master
and addressed as slave
Reception of the general call
address and one or more data
bytes.
Last data byte received is
not acknowledged.
Arbitration lost as master and
addressed as slave by general call



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com