Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 112Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 113Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 114Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 115Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 116Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 117Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 118Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 119Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 185 page
background image
116
AT89C5131A-L
4338E–USB–06/06
USB Controller
.
Description
The USB device controller provides the hardware that the AT89C5131 needs to inter-
face a USB link to a data flow stored in a double port memory (DPRAM).
The USB controller requires a 48 MHz ±0.25% reference clock, which is the output of
the AT89C5131 PLL (see Section “PLL”, page 14) divided by a clock prescaler. This
clock is used to generate a 12 MHz Full-speed bit clock from the received USB differen-
tial data and to transmit data according to full speed USB device tolerance. Clock
recovery is done by a Digital Phase Locked Loop (DPLL) block, which is compliant with
the jitter specification of the USB bus.
The Serial Interface Engine (SIE) block performs NRZI encoding and decoding, bit stuff-
ing, CRC generation and checking, and the serial-parallel data conversion.
The Universal Function Interface (UFI) realizes the interface between the data flow and
the Dual Port RAM.
Figure 55. USB Device Controller Block Diagram
SIE
DPLL
USB
D+/D-
Buffer
UFI
12 MHz
48 MHz +/- 0.25%
D+
Up to 48 MHz
UC_sysclk
C51
Microcontroller
Interface
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com