Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 120 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 116Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 117Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 118Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 119Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 120Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 121Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 122Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 123Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 185 page
background image
120
AT89C5131A-L
4338E–USB–06/06
Endpoint enable
Before using an endpoint, this one will be enabled by setting the EPEN bit in the
UEPCONX register.
An endpoint which is not enabled won’t answer to any USB request. The Default
Control Endpoint (Endpoint 0) will always be enabled in order to answer to USB
standard requests.
Endpoint type configuration
All Standard Endpoints can be configured in Control, Bulk, Interrupt or Isochronous
mode. The Ping-pong Endpoints can be configured in Bulk, Interrupt or Isochronous
mode. The configuration of an endpoint is performed by setting the field EPTYPE
with the following values:
Control:EPTYPE = 00b
Isochronous:EPTYPE = 01b
Bulk:EPTYPE = 10b
Interrupt:EPTYPE = 11b
The Endpoint 0 is the Default Control Endpoint and will always be configured in
Control type.
Endpoint direction configuration
For Bulk, Interrupt and Isochronous endpoints, the direction is defined with the
EPDIR bit of the UEPCONX register with the following values:
IN:EPDIR = 1b
OUT:EPDIR = 0b
For Control endpoints, the EPDIR bit has no effect.
Summary of Endpoint Configuration:
Do not forget to select the correct endpoint number in the UEPNUM register before
accessing to endpoint specific registers.
Table 90. Summary of Endpoint Configuration
Endpoint Configuration
EPEN
EPDIR
EPTYPE
UEPCONX
Disabled
0b
Xb
XXb
0XXX XXXb
Control
1b
Xb
00b
80h
Bulk-in
1b
1b
10b
86h
Bulk-out
1b
0b
10b
82h
Interrupt-In
1b
1b
11b
87h
Interrupt-Out
1b
0b
11b
83h
Isochronous-In
1b
1b
01b
85h
Isochronous-Out
1b
0b
01b
81h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com