Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 164 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 160Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 161Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 162Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 163Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 164Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 165Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 166Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 167Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 185 page
background image
164
AT89C5131A-L
4338E–USB–06/06
Table 115. AC Parameters for a Fix Clock (F = 40 MHz)
Table 116. AC Parameters for a Variable Clock
Symbol
Min
Max
Units
T25
ns
TLHLL
40
ns
TAVLL
10
ns
TLLAX
10
ns
TLLIV
70
ns
TLLPL
15
ns
TPLPH
55
ns
TPLIV
35
ns
TPXIX
0ns
TPXIZ
18
ns
TAVIV
85
ns
TPLAZ
10
ns
Symbol
Type
Standard
Clock
X2 Clock
X Parameter
Units
T
LHLL
Min
2 T - x
T - x
10
ns
T
AVLL
Min
T - x
0.5 T - x
15
ns
T
LLAX
Min
T - x
0.5 T - x
15
ns
T
LLIV
Max
4 T - x
2 T - x
30
ns
T
LLPL
Min
T - x
0.5 T - x
10
ns
T
PLPH
Min
3 T - x
1.5 T - x
20
ns
T
PLIV
Max
3 T - x
1.5 T - x
40
ns
T
PXIX
Min
x
x
0
ns
T
PXIZ
Max
T - x
0.5 T - x
7
ns
T
AVIV
Max
5 T - x
2.5 T - x
40
ns
T
PLAZ
Max
x
x
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com