Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 168 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 168 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 164Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 165Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 166Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 167Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 168Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 169Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 170Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 171Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 172Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 185 page
background image
168
AT89C5131A-L
4338E–USB–06/06
External Data Memory Read Cycle
Serial Port Timing - Shift
Register Mode
Table 120. Symbol Description (F = 40 MHz)
Table 121. AC Parameters for a Fix Clock (F = 40 MHz)
Table 122. AC Parameters for a Variable Clock
ALE
PSEN
RD
PORT 0
PORT 2
A0-A7
DATA IN
ADDRESS
OR SFR-P2
TAVWL
TLLWL
TRLAZ
ADDRESS A8-A15 OR SFR P2
TRHDZ
TWHLH
T
RLRH
TLLDV
TRHDX
TLLAX
TAVDV
Symbol
Parameter
TXLXL
Serial port clock cycle time
TQVHX
Output data set-up to clock rising edge
TXHQX
Output data hold after clock rising edge
TXHDX
Input data hold after clock rising edge
TXHDV
Clock rising edge to input data valid
Symbol
Min
Max
Units
TXLXL
300
ns
TQVHX
200
ns
TXHQX
30
ns
TXHDX
0ns
TXHDV
117
ns
Symbol
Type
Standard
Clock
X2 Clock
X Parameter
for -M Range
Units
T
XLXL
Min
12 T
6 T
ns
T
QVHX
Min
10 T - x
5 T - x
50
ns
T
XHQX
Min
2 T - x
T - x
20
ns
T
XHDX
Min
x
x
0
ns
T
XHDV
Max
10 T - x
5 T- x
133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com