Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 62Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 63Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 64Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 65Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 66Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 67Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 68Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 69Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 212 page
background image
66
4109J–8051–10/06
AT8xC51SND1C
12.4
Frame Information
The MP3 frame header contains information on the audio data contained in the frame. These
informations is made available in the MP3STA register for you information. MPVER and
MPFS1:0 bits allow decoding of the sampling frequency according to Table 61. MPVER bit gives
the MPEG version (2 or 1).
Table 61. MP3 Frame Frequency Sampling
12.5
Ancillary Data
MP3 frames also contain data bits called ancillary data. These data are made available in the
MP3ANC register for each frame. As shown in Figure 12-4, the ancillary data are available by
Bytes when MPANC flag in MP3STA register is set. MPANC flag is set when the ancillary buffer
is not empty (at least one ancillary data is available) and is cleared only when there is no more
ancillary data in the buffer. This flag can generate an interrupt as explained in Section "Inter-
rupt", page 66. When set, software must read all Bytes to empty the ancillary buffer.
Figure 12-4. Ancillary Data Block Diagram
12.6
Interrupt
12.6.1
Description
As shown in Figure 12-5, the MP3 decoder implements five interrupt sources reported in ERR-
CRC, ERRSYN, ERRLAY, MPREQ, and MPANC flags in MP3STA register.
All these sources are maskable separately using MSKCRC, MSKSYN, MSKLAY, MSKREQ, and
MSKANC mask bits respectively in MP3CON register.
The MP3 interrupt is enabled by setting EMP3 bit in IEN0 register. This assumes interrupts are
globally enabled by setting EA bit in IEN0 register.
All interrupt flags but MPREQ and MPANC are cleared when reading MP3STA register. The
MPREQ flag is cleared by hardware when no more data is requested (see Figure 12-2) and
MPANC flag is cleared by hardware when the ancillary buffer becomes empty.
MPVER
MPFS1
MPFS0
Fs (kHz)
0
0
0
22.05 (MPEG II)
0
0
1
24 (MPEG II)
0
1
0
16 (MPEG II)
0
1
1
Reserved
1
0
0
44.1 (MPEG I)
1
0
1
48 (MPEG I)
1
1
0
32 (MPEG I)
1
1
1
Reserved
Ancillary
Data To C51
8
MP3ANC
8
MPANC
MP3STA.7
7-Byte
Ancillary Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com