Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 100 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 96Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 97Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 98Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 99Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 100Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 101Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 102Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 103Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 212 page
background image
100
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0001 0000b
Table 84. UEPNUM Register
UEPNUM (S:C7h) – USB Endpoint Number
Reset Value = 0000 0000b
Table 85. UEPCONX Register
UEPCONX (S:D4h) – USB Endpoint X Control Register (X = EPNUM set in UEPNUM)
Bit
Number
Bit
Mnemonic
Description
7 - 6
-
Reserved
The value read from these bits is always 0. Do not set these bits.
5EWUPCPU
Wake Up CPU Interrupt Enable Bit
Set to enable the Wake Up CPU interrupt.
Clear to disable the Wake Up CPU interrupt.
4EEOFINT
End Of Reset Interrupt Enable Bit
Set to enable the End Of Reset interrupt. This bit is set after reset.
Clear to disable End Of Reset interrupt.
3ESOFINT
Start Of Frame Interrupt Enable Bit
Set to enable the SOF interrupt.
Clear to disable the SOF interrupt.
2 - 1
-
Reserved
The value read from these bits is always 0. Do not set these bits.
0ESPINT
Suspend Interrupt Enable Bit
Set to enable Suspend interrupt.
Clear to disable Suspend interrupt.
7654
3210
------
EPNUM1
EPNUM0
Bit
Number
Bit
Mnemonic
Description
7 - 2
-
Reserved
The value read from these bits is always 0. Do not set these bits.
1 - 0
EPNUM1:0
Endpoint Number Bits
Set this field with the number of the endpoint which should be accessed when
reading or writing to registers UEPSTAX, UEPDATX, UBYCTX or UEPCONX.
7654
3210
EPEN
NAKIEN
NAKOUT
NAKIN
DTGL
EPDIR
EPTYPE1
EPTYPE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com