Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 79Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 80Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 81Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 82Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 83Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 84Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 85Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 86Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 212 page
background image
83
4109J–8051–10/06
AT8xC51SND1C
Figure 14-5. UFI Block Diagram
Figure 14-6. USB Typical Transaction Load
14.2
Configuration
14.2.1
General Configuration
•
USB controller enable
Before any USB transaction, the 48 MHz required by the USB controller must be correctly
generated (See “Clock Controller” on page 19).
The USB controller should be then enabled by setting the EUSB bit in the USBCON register.
•
Set address
After a Reset or a USB reset, the software has to set the FEN (Function Enable) bit in the
USBADDR register. This action will allow the USB controller to answer to the requests sent
at the address 0.
When a SET_ADDRESS request has been received, the USB controller must only answer
to the address defined by the request. The new address should be stored in the USBADDR
register. The FEN bit and the FADDEN bit in the USBCON register should be set to allow
the USB controller to answer only to requests sent at the new address.
To/From C51 Core
Endpoint Control
C51 side
Endpoint Control
USB side
Endpoint 2
Endpoint 1
Endpoint 0
USBCON
USBINT
USBIEN
UEPINT
UEPIEN
UEPNUM
UEPSTAX
USBADDR
UEPCONX
UEPDATX
UEPRST
UBYCTX
UFNUMH
UFNUML
Asynchronous Information
Transfer
Control
FSM
To/From SIE
12 MHz DPLL
OUT Transactions:
HOST
UFI
C51
OUT
DATA0 (n Bytes)
ACK
Endpoint FIFO read (n Bytes)
OUT
DATA1
NACK
OUT
DATA1
ACK
IN Transactions:
HOST
UFI
C51
IN
ACK
Endpoint FIFO Write
IN
DATA1
NACK
C51 interrupt
IN
DATA1
C51 interrupt
Endpoint FIFO write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com