Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 25Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 26Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 27Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 28Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 212 page
background image
25
4109J–8051–10/06
AT8xC51SND1C
6.
Data Memory
The AT8xC51SND1C provides data memory access in 2 different spaces:
1.
The internal space mapped in three separate segments:
–
The lower 128 Bytes RAM segment
–
The upper 128 Bytes RAM segment
–
The expanded 2048 Bytes RAM segment
2.
The external space.
A fourth internal segment is available but dedicated to Special Function Registers, SFRs,
(addresses 80h to FFh) accessible by direct addressing mode. For information on this segment,
refer to the Section “Special Function Registers”, page 32.
Figure 8 shows the internal and external data memory spaces organization.
Figure 8. Internal and External Data Memory Organization
6.1
Internal Space
6.1.1
Lower 128 Bytes RAM
The lower 128 Bytes of RAM (see Figure 9) are accessible from address 00h to 7Fh using direct
or indirect addressing modes. The lowest 32 Bytes are grouped into 4 banks of 8 registers (R0
to R7). 2 bits RS0 and RS1 in PSW register (see Table 18) select which bank is in use according
to Table 15. This allows more efficient use of code space, since register instructions are shorter
than instructions that use direct addressing, and can be used for context switching in interrupt
service routines.
Table 15. Register Bank Selection
2K Bytes
Upper
128 Bytes
Internal RAM
Lower
128 Bytes
Internal RAM
Special
Function
Registers
80h
80h
00h
7FFh
FFh
00h
FFh
64K Bytes
External XRAM
0000h
FFFFh
Direct Addressing
Addressing
0800h
7Fh
Internal ERAM
Direct or Indirect
Indirect Addressing
EXTRAM = 0
EXTRAM = 1
RS1
RS0
Description
0
0
Register bank 0 from 00h to 07h
0
1
Register bank 1 from 08h to 0Fh
1
0
Register bank 2 from 10h to 17h
1
1
Register bank 3 from 18h to 1Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com