Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 94Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 95Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 96Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 97Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 98Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 99Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 100Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 101Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 212 page
background image
98
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0000b
Table 81. USBADDR Register
USBADDR (S:C6h) – USB Address Register
Bit
Number
Bit
Mnemonic
Description
7USBE
USB Enable Bit
Set this bit to enable the USB controller.
Clear this bit to disable and reset the USB controller, to disable the USB
transceiver an to disable the USB controllor clock inputs.
6SUSPCLK
Suspend USB Clock Bit
Set to disable the 48 MHz clock input (Resume Detection is still active).
Clear to enable the 48 MHz clock input.
5
SDRMWUP
Send Remote Wake-Up Bit
Set to force an external interrupt on the USB controller for Remote Wake UP
purpose.
An upstream resume is send only if the bit RMWUPE is set, all USB clocks are
enabled AND the USB bus was in SUSPEND state for at least 5 ms. See
UPRSM below.
Cleared by software.
4-
Reserved
The value read from this bit is always 0. Do not set this bit.
3UPRSM
Upstream Resume Bit (read only)
Set by hardware when SDRMWUP has been set and if RMWUPE is enabled.
Cleared by hardware after the upstream resume has been sent.
2RMWUPE
Remote Wake-Up Enable Bit
Set to enabled request an upstream resume signaling to the host.
Clear after the upstream resume has been indicated by RSMINPR.
Note: Do not set this bit if the host has not set the DEVICE_REMOTE_WAKEUP
feature for the device.
1CONFG
Configuration Bit
This bit should be set by the device firmware after a SET_CONFIGURATION
request with a non-zero value has been correctly processed.
It should be cleared by the device firmware when a SET_CONFIGURATION
request with a zero value is received. It is cleared by hardware on hardware
reset or when an USB reset is detected on the bus (SE0 state for at least 32 Full
Speed bit times: typically 2.7
μs).
0
FADDEN
Function Address Enable Bit
This bit should be set by the device firmware after a successful status phase of a
SET_ADDRESS transaction.
It should not be cleared afterwards by the device firmware. It is cleared by
hardware on hardware reset or when an USB reset is received (see above).
When this bit is cleared, the default function address is used (0).
7654
3210
FEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com