Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 45Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 46Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 47Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 48Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 49Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 50Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 51Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 52Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 212 page
background image
49
4109J–8051–10/06
AT8xC51SND1C
9.3
Idle Mode
Idle mode is a power reduction mode that reduces the power consumption. In this mode, pro-
gram execution halts. Idle mode freezes the clock to the CPU at known states while the
peripherals continue to be clocked (refer to section “Oscillator”, page 12). The CPU status
before entering Idle mode is preserved, i.e., the program counter and program status word reg-
ister retain their data for the duration of Idle mode. The contents of the SFRs and RAM are also
retained. The status of the Port pins during Idle mode is detailed in Table 47.
9.3.1
Entering Idle Mode
To enter Idle mode, the user must set the IDL bit in PCON register (see Table 49). The
AT8xC51SND1C enters Idle mode upon execution of the instruction that sets IDL bit. The
instruction that sets IDL bit is the last instruction executed.
Note:
If IDL bit and PD bit are set simultaneously, the AT8xC51SND1C enter Power-down mode. Then it
does not go in Idle mode when exiting Power-down mode.
9.3.2
Exiting Idle Mode
There are 2 ways to exit Idle mode:
1.
Generate an enabled interrupt.
–
Hardware clears IDL bit in PCON register which restores the clock to the CPU.
Execution resumes with the interrupt service routine. Upon completion of the
interrupt service routine, program execution resumes with the instruction
immediately following the instruction that activated Idle mode. The general-purpose
flags (GF1 and GF0 in PCON register) may be used to indicate whether an interrupt
occurred during normal operation or during Idle mode. When Idle mode is exited by
an interrupt, the interrupt service routine may examine GF1 and GF0.
2.
Generate a reset.
–
A logic high on the RST pin clears IDL bit in PCON register directly and
asynchronously. This restores the clock to the CPU. Program execution momentarily
resumes with the instruction immediately following the instruction that activated the
Idle mode and may continue for a number of clock cycles before the internal reset
algorithm takes control. Reset initializes the AT8xC51SND1C and vectors the CPU
to address C:0000h.
Note:
During the time that execution resumes, the internal RAM cannot be accessed; however, it is pos-
sible for the Port pins to be accessed. To avoid unexpected outputs at the Port pins, the instruction
immediately following the instruction that activated Idle mode should not write to a Port pin or to
the external RAM.
9.4
Power-down Mode
The Power-down mode places the AT8xC51SND1C in a very low power state. Power-down
mode stops the oscillator and freezes all clocks at known states (refer to the Section "Oscillator",
page 12). The CPU status prior to entering Power-down mode is preserved, i.e., the program
counter, program status word register retain their data for the duration of Power-down mode. In
addition, the SFRs and RAM contents are preserved. The status of the Port pins during Power-
down mode is detailed in Table 47.
Note:
VDD may be reduced to as low as VRET during Power-down mode to further reduce power dissipa-
tion. Notice, however, that V
DD is not reduced until Power-down mode is invoked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com