Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 212 page
background image
16
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 1000b
Table 18. PLLNDIV Register
PLLNDIV (S:EEh) – PLL N Divider Register
Reset Value = 0000 0000b
Table 19. PLLRDIV Register
PLLRDIV (S:EFh) – PLL R Divider Register
Reset Value = 0000 0000b
2-
Reserved
The value read from this bit is always 0. Do not set this bit.
1
PLLEN
PLL Enable Bit
Set to enable the PLL.
Clear to disable the PLL.
0PLOCK
PLL Lock Indicator
Set by hardware when PLL is locked.
Clear by hardware when PLL is unlocked.
765
43210
-
N6N5N4
N3
N2N1N0
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is always 0. Do not set this bit.
6 - 0
N6:0
PLL N Divider
7 - bit N divider.
765
43210
R9
R8
R7
R6
R5
R4
R3
R2
Bit
Number
Bit
Mnemonic
Description
7 - 0
R9:2
PLL Most Significant Bits R Divider
8 MSB of the 10-bit R divider.
Bit
Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com