Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 69Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 70Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 71Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 72Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 73Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 74Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 75Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 76Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 212 page
background image
73
4109J–8051–10/06
AT8xC51SND1C
13. Audio Output Interface
The AT8xC51SND1C implement an audio output interface allowing the audio bitstream to be
output in various formats. It is compatible with right and left justification PCM and I2S formats
and thanks to the on-chip PLL (see Section “Clock Controller”, page 12) allows connection of
almost all of the commercial audio DAC families available on the market.
The audio bitstream can be from 2 different types:
•
The MP3 decoded bitstream coming from the MP3 decoder for playing songs.
•
The audio bitstream coming from the MCU for outputting voice or sounds.
13.1
Description
The C51 core interfaces to the audio interface through five special function registers: AUDCON0
and AUDCON1, the Audio Control registers (see Table 74 and Table 75); AUDSTA, the Audio
Status register (see Table 76); AUDDAT, the Audio Data register (see Table 77); and AUDCLK,
the Audio Clock Divider register (see Table 78).
Figure 13-1 shows the audio interface block diagram, blocks are detailed in the following
sections.
Figure 13-1. Audio Interface Block Diagram
13.2
Clock Generator
The audio interface clock is generated by division of the PLL clock. The division factor is given
by AUCD4:0 bits in CLKAUD register. Figure 13-2 shows the audio interface clock generator
AUD
CLOCK
UDRN
AUDSTA.6
0
1
DSIZ
AUDCON0.1
DSEL
Clock Generator
DCLK
DOUT
SCLK
JUST4:0
AUDCON0.7:3
POL
AUDCON0.2
AUDEN
AUDCON1.0
HLR
AUDCON0.0
0
1
SRC
AUDCON1.7
8
Data Converter
Audio Data
From C51
Audio Data
From MP3
DUP1:0
AUDCON1.2:1
16
16
SREQ
AUDSTA.7
Audio Buffer
AUBUSY
AUDSTA.5
Data Ready
DRQEN
AUDCON1.6
MP3 Buffer
Decoder
16
Sample
Request To
MP3 Decoder
AUDDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com