Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 212 page
background image
5
4109J–8051–10/06
AT8xC51SND1C
Level 2 locks also hardware verifying of both user and boot memories
Level 3 locks also the external execution.
Notes:
1. U means unprogrammed, P means programmed and X means don’t care (programmed or
unprogrammed).
2. LB2 is not implemented in the AT8xC51SND1C products.
3. AT89C51SND1C products are delivered with third level programmed to ensure that the code
programmed by software using ISP or user’s boot loader is secured from any hardware piracy.
6.5
Boot Memory Execution
As internal C51 code space is limited to 64K Bytes, some mechanisms are implemented to allow
boot memory to be mapped in the code space for execution at addresses from F000h to FFFFh.
The boot memory is enabled by setting the ENBOOT bit in AUXR1 (see Figure 22). The three
ways to set this bit are detailed in the following sections.
6.5.1
Software Boot Mapping
The software way to set ENBOOT consists in writing to AUXR1 from the user’s software. This
enables boot loader or API routines execution.
6.5.2
Hardware Condition Boot Mapping
The hardware condition is based on the ISP pin. When driving this pin to low level, the chip reset
sets ENBOOT and forces the reset vector to F000h instead of 0000h in order to execute the
boot loader software.
As shown in Figure 6-7 the hardware condition always allows in-system recovery when user’s
memory has been corrupted.
6.5.3
Programmed Condition Boot Mapping
The programmed condition is based on the Boot Loader Jump Bit (BLJB) in HSB. As shown in
Figure 6-7 when this bit is programmed (by hardware or software programming mode), the chip
reset set ENBOOT and forces the reset vector to F000h instead of 0000h, in order to execute
the boot loader software.
Table 21. Lock Bit Features(1)
Level
LB2
(2)
LB1
LB0
Internal
Execution
External
Execution
Hardware
Verifying
Hardware
Programming
Software
Programming
0
U
U
U
Enable
Enable
Enable
Enable
Enable
1
U
U
P
Enable
Enable
Enable
Disable
Enable
2
U
P
X
Enable
Enable
Disable
Disable
Enable
3
(3)
P
X
X
Enable
Disable
Disable
Disable
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com