Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 47Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 48Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 49Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 50Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 51Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 52Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 53Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 54Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 212 page
background image
51
4109J–8051–10/06
AT8xC51SND1C
–
A logic high on the RST pin clears PD bit in PCON register directly and
asynchronously. This starts the oscillator and restores the clock to the CPU and
peripherals. Program execution momentarily resumes with the instruction
immediately following the instruction that activated Power-down mode and may
continue for a number of clock cycles before the internal reset algorithm takes
control. Reset initializes the AT8xC51SND1C and vectors the CPU to address
0000h.
Notes:
1. During the time that execution resumes, the internal RAM cannot be accessed; however, it is
possible for the Port pins to be accessed. To avoid unexpected outputs at the Port pins, the
instruction immediately following the instruction that activated the Power-down mode should
not write to a Port pin or to the external RAM.
2. Exit from power-down by reset redefines all the SFRs, but does not affect the internal RAM
content.
9.5
Registers
Table 49. PCON Register
PCON (S:87h) – Power Configuration Register
Reset Value = 00XX 0000b
7654
3210
SMOD1
SMOD0
-
-
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic
Description
7SMOD1
Serial Port Mode Bit 1
Set to select double baud rate in mode 1,2 or 3.
6SMOD0
Serial Port Mode Bit 0
Set to select FE bit in SCON register.
Clear to select SM0 bit in SCON register.
5 - 4
-
Reserved
The value read from these bits is indeterminate. Do not set these bits.
3GF1
General-Purpose Flag 1
One use is to indicate whether an interrupt occurred during normal operation or
during Idle mode.
2GF0
General-Purpose Flag 0
One use is to indicate whether an interrupt occurred during normal operation or
during Idle mode.
1PD
Power-Down Mode Bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Power-down mode.
If IDL and PD are both set, PD takes precedence.
0IDL
Idle Mode Bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Idle mode.
If IDL and PD are both set, PD takes precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com