Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 38Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 39Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 40Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 41Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 42Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 43Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 44Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 45Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 212 page
background image
42
4109J–8051–10/06
AT8xC51SND1C
8.3
Registers
Table 41. IEN0 Register
IEN0 (S:A8h) – Interrupt Enable Register 0
Reset Value = 0000 0000b
8.3.0.1
Table 42. IEN1 Register
IEN1 (S:B1h) – Interrupt Enable Register 1
7654
3210
EA
EAUD
EMP3
ES
ET1
EX1
ET0
EX0
Bit
Number
Bit
Mnemonic
Description
7EA
Enable All Interrupt Bit
Set to enable all interrupts.
Clear to disable all interrupts.
If EA = 1, each interrupt source is individually enabled or disabled by setting or
clearing its interrupt enable bit.
6EAUD
Audio Interface Interrupt Enable Bit
Set to enable audio interface interrupt.
Clear to disable audio interface interrupt.
5EMP3
MP3 Decoder Interrupt Enable Bit
Set to enable MP3 decoder interrupt.
Clear to disable MP3 decoder interrupt.
4ES
Serial Port Interrupt Enable Bit
Set to enable serial port interrupt.
Clear to disable serial port interrupt.
3ET1
Timer 1 Overflow Interrupt Enable Bit
Set to enable timer 1 overflow interrupt.
Clear to disable timer 1 overflow interrupt.
2EX1
External Interrupt 1 Enable bit
Set to enable external interrupt 1.
Clear to disable external interrupt 1.
1ET0
Timer 0 Overflow Interrupt Enable Bit
Set to enable timer 0 overflow interrupt.
Clear to disable timer 0 overflow interrupt.
0EX0
External Interrupt 0 Enable Bit
Set to enable external interrupt 0.
Clear to disable external interrupt 0.
7654
3210
-
EUSB
-
EKB
EADC
ESPI
EI2C
EMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com