Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 70Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 71Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 72Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 73Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 74Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 75Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 76Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 77Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 212 page
background image
74
4109J–8051–10/06
AT8xC51SND1C
and its calculation formula. The audio interface clock frequency depends on the incoming MP3
frames and the audio DAC used.
Figure 13-2. Audio Clock Generator and Symbol
As soon as audio interface is enabled by setting AUDEN bit in AUDCON1 register, the master
clock generated by the PLL is output on the SCLK pin which is the DAC system clock. This clock
is output at 256 or 384 times the sampling frequency depending on the DAC capabilities. HLR bit
in AUDCON0 register must be set according to this rate for properly generating the audio bit
clock on the DCLK pin and the word selection clock on the DSEL pin. These clocks are not gen-
erated when no data is available at the data converter input.
For DAC compatibility, the bit clock frequency is programmable for outputting 16 bits or 32 bits
per channel using the DSIZ bit in AUDCON0 register (see Section "Data Converter", page 74),
and the word selection signal is programmable for outputting left channel on low or high level
according to POL bit in AUDCON0 register as shown in Figure 13-3.
Figure 13-3. DSEL Output Polarity
13.3
Data Converter
The data converter block converts the audio stream input from the 16-bit parallel format to a
serial format. For accepting all PCM formats and I2S format, JUST4:0 bits in AUDCON0 register
are used to shift the data output point. As shown in Figure 13-4, these bits allow MSB justifica-
tion by setting JUST4:0 = 00000, LSB justification by setting JUST4:0 = 10000, I2S Justification
by setting JUST4:0 = 00001, and more than 16-bit LSB justification by filling the low significant
bits with logic 0.
AUCD4:0
AUDCLK
Audio Interface Clock
AUDclk
PLLclk
AUCD1
+
---------------------------
=
Audio Clock Symbol
AUD
CLOCK
PLL
CLOCK
Left Channel
Right Channel
POL = 1
POL = 0
Left Channel
Right Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com