Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 39Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 40Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 41Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 42Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 43Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 44Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 45Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 46Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 212 page
background image
43
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0000b
8.3.0.2
Table 43. IPH0 Register
IPH0 (S:B7h) – Interrupt Priority High Register 0
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is always 0. Do not set this bit.
6EUSB
USB Interface Interrupt Enable Bit
Set this bit to enable USB interrupts.
Clear this bit to disable USB interrupts.
5-
Reserved
The value read from this bit is always 0. Do not set this bit.
4EKB
Keyboard Interface Interrupt Enable Bit
Set to enable Keyboard interrupt.
Clear to disable Keyboard interrupt.
3EADC
A to D Converter Interrupt Enable Bit
Set to enable ADC interrupt.
Clear to disable ADC interrupt.
2ESPI
SPI Controller Interrupt Enable Bit
Set to enable SPI interrupt.
Clear to disable SPI interrupt.
1EI2C
Two Wire Controller Interrupt Enable Bit
Set to enable Two Wire interrupt.
Clear to disable Two Wire interrupt.
0EMMC
MMC Interface Interrupt Enable Bit
Set to enable MMC interrupt.
Clear to disable MMC interrupt.
7654
3210
-
IPHAUD
IPHMP3
IPHS
IPHT1
IPHX1
IPHT0
IPHX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com