Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 25Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 212 page
background image
6
4109J–8051–10/06
AT8xC51SND1C
Figure 6-7.
Hardware Boot Process Algorithm
The software process (boot loader) is detailed in the “Boot Loader Datasheet” Document.
6.6
Preventing Flash Corruption
See Section “Reset Recommendation to Prevent Flash Corruption”, page 48.
6.7
Registers
Table 22. AUXR1 Register
AUXR1 (S:A2h) – Auxiliary Register 1
Atmel’s
Boot Loader
Hard Cond?
ISP = L?
RESET
Hard Cond Init
ENBOOT = 1
PC = F000h
FCON = 00h
Prog Cond?
BLJB = P?
Standard Init
ENBOOT = 0
PC = 0000h
FCON = F0h
Prog Cond Init
ENBOOT = 1
PC = F000h
FCON = F0h
User’s
Application
7654
3210
-
-
ENBOOT
-
GF3
0
-
DPS
Bit
Number
Bit
Mnemonic
Description
7 - 6
-
Reserved
The value read from these bits are indeterminate. Do not set these bits.
5
ENBOOT
1
Enable Boot Flash
Set this bit to map the boot Flash in the code space between at addresses F000h
to FFFFh.
Clear this bit to disable boot Flash.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com