Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 10Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 212 page
background image
8
4109J–8051–10/06
AT8xC51SND1C
Table 7. UART Signal Description
Table 8. SPI Controller Signal Description
Table 9. TWI Controller Signal Description
Table 10. A/D Converter Signal Description
Signal
Name
Type
Description
Alternate
Function
RXD
I/O
Receive Serial Data
RXD sends and receives data in serial I/O mode 0 and receives data in
serial I/O modes 1, 2 and 3.
P3.0
TXD
O
Transmit Serial Data
TXD outputs the shift clock in serial I/O mode 0 and transmits data in
serial I/O modes 1, 2 and 3.
P3.1
Signal
Name
Type
Description
Alternate
Function
MISO
I/O
SPI Master Input Slave Output Data Line
When in master mode, MISO receives data from the slave peripheral.
When in slave mode, MISO outputs data to the master controller.
P4.0
MOSI
I/O
SPI Master Output Slave Input Data Line
When in master mode, MOSI outputs data to the slave peripheral.
When in slave mode, MOSI receives data from the master controller.
P4.1
SCK
I/O
SPI Clock Line
When in master mode, SCK outputs clock to the slave peripheral. When
in slave mode, SCK receives clock from the master controller.
P4.2
SS
I
SPI Slave Select Line
When in controlled slave mode, SS enables the slave mode.
P4.3
Signal
Name
Type
Description
Alternate
Function
SCL
I/O
TWI Serial Clock
When TWI controller is in master mode, SCL outputs the serial clock to
the slave peripherals. When TWI controller is in slave mode, SCL
receives clock from the master controller.
P1.6
SDA
I/O
TWI Serial Data
SDA is the bidirectional Two Wire data line.
P1.7
Signal
Name
Type
Description
Alternate
Function
AIN1:0
I
A/D Converter Analog Inputs
-
AREFP
I
Analog Positive Voltage Reference Input
-
AREFN
I
Analog Negative Voltage Reference Input
This pin is internally connected to AVSS.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com