Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 84Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 85Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 86Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 87Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 89Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 91Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 212 page
background image
88
4109J–8051–10/06
AT8xC51SND1C
point FIFO before clearing the RXOUTB1 bit. Until the RXOUTB1 bit has been cleared by the
firmware, the USB controller will answer a NAK handshake for each OUT requests on the bank 1
endpoint FIFO.
The RXOUTB0 and RXOUTB1 bits are, alternatively, set by the USB controller at each new valid
packet receipt.
The firmware has to clear one of these 2 bits after having read all the data FIFO to allow a new
valid packet to be stored in the corresponding bank.
A NAK handshake is sent by the USB controller only if the banks 0 and 1 has not been released
by the firmware.
If the Host sends more Bytes than supported by the endpoint FIFO, the overflow data won’t be
stored, but the USB controller will consider that the packet is valid if the CRC is correct.
14.4.3
Bulk/Interrupt IN Transactions in Standard Mode
Figure 14-11. Bulk/Interrupt IN Transactions in Standard Mode
An endpoint should be first enabled and configured before being able to send Bulk or Interrupt
packets.
The firmware should fill the FIFO with the data to be sent and set the TXRDY bit in the UEP-
STAX register to allow the USB controller to send the data stored in FIFO at the next IN request
concerning this endpoint. To send a Zero Length Packet, the firmware should set the TXRDY bit
without writing any data into the endpoint FIFO.
Until the TXRDY bit has been set by the firmware, the USB controller will answer a NAK hand-
shake for each IN requests.
To cancel the sending of this packet, the firmware has to reset the TXRDY bit. The packet stored
in the endpoint FIFO is then cleared and a new packet can be written and sent.
When the IN packet has been sent and acknowledged by the Host, the TXCMPL bit in the UEP-
STAX register is set by the USB controller. This triggers a USB interrupt if enabled. The firmware
should clear the TXCMPL bit before filling the endpoint FIFO with new data.
The firmware should never write more Bytes than supported by the endpoint FIFO.
IN
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO Write Byte 1
IN
NAK
TXCMPL
Endpoint FIFO Write Byte 2
Endpoint FIFO Write Byte n
Set TXRDY
Clear TXCMPL
Endpoint FIFO Write Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com