Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 81Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 82Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 83Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 84Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 85Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 86Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 87Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 212 page
background image
85
4109J–8051–10/06
AT8xC51SND1C
–
IN:
EPDIR = 1b
–
OUT:
EPDIR = 0b
For Control endpoints, the EPDIR bit has no effect.
•
Summary of Endpoint Configuration:
Do not forget to select the correct endpoint number in the UEPNUM register before access-
ing endpoint specific registers.
Table 79. Summary of Endpoint Configuration
•
Endpoint FIFO reset
Before using an endpoint, its FIFO should be reset. This action resets the FIFO pointer to its
original value, resets the Byte counter of the endpoint (UBYCTX register), and resets the
data toggle bit (DTGL bit in UEPCONX).
The reset of an endpoint FIFO is performed by setting to 1 and resetting to 0 the corre-
sponding bit in the UEPRST register.
For example, in order to reset the Endpoint number 2 FIFO, write 0000 0100b then 0000
0000b in the UEPRST register.
Note that the endpoint reset doesn’t reset the bank number for ping-pong endpoints.
14.3
Read/Write Data FIFO
14.3.1
Read Data FIFO
The read access for each OUT endpoint is performed using the UEPDATX register.
After a new valid packet has been received on an Endpoint, the data are stored into the FIFO
and the Byte counter of the endpoint is updated (UBYCTX registers). The firmware has to store
the endpoint Byte counter before any access to the endpoint FIFO. The Byte counter is not
updated when reading the FIFO.
To read data from an endpoint, select the correct endpoint number in UEPNUM and read the
UEPDATX register. This action automatically decreases the corresponding address vector, and
the next data is then available in the UEPDATX register.
14.3.2
Write Data FIFO
The write access for each IN endpoint is performed using the UEPDATX register.
To write a Byte into an IN endpoint FIFO, select the correct endpoint number in UEPNUM and
write into the UEPDATX register. The corresponding address vector is automatically increased,
and another write can be carried out.
Endpoint Configuration
EPEN
EPDIR
EPTYPE
UEPCONX
Disabled
0b
Xb
XXb
0XXX XXXb
Control
1b
Xb
00b
80h
Bulk-in
1b
1b
10b
86h
Bulk-out
1b
0b
10b
82h
Interrupt-In
1b
1b
11b
87h
Interrupt-Out
1b
0b
11b
83h
Isochronous-In
1b
1b
01b
85h
Isochronous-Out
1b
0b
01b
81h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com