Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 83Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 84Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 85Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 86Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 87Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 89Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 212 page
background image
87
4109J–8051–10/06
AT8xC51SND1C
is a ZLP (Zero Length Packet), the UBYCTX register value is equal to 0 and no data has to be
read.
When all the endpoint FIFO Bytes have been read, the firmware should clear the RXOUTB0 bit
to allow the USB controller to accept the next OUT packet on this endpoint. Until the RXOUTB0
bit has been cleared by the firmware, the USB controller will answer a NAK handshake for each
OUT requests.
If the Host sends more Bytes than supported by the endpoint FIFO, the overflow data won’t be
stored, but the USB controller will consider that the packet is valid if the CRC is correct and the
endpoint Byte counter contains the number of Bytes sent by the Host.
14.4.2
Bulk/Interrupt OUT Transactions in Ping-pong Mode
Figure 14-10. Bulk/Interrupt OUT Transactions in Ping-pong Mode
An endpoint should be first enabled and configured before being able to receive Bulk or Interrupt
packets.
When a valid OUT packet is received on the endpoint bank 0, the RXOUTB0 bit is set by the
USB controller. This triggers an interrupt if enabled. The firmware has to select the correspond-
ing endpoint, store the number of data Bytes by reading the UBYCTX register. If the received
packet is a ZLP (Zero Length Packet), the UBYCTX register value is equal to 0 and no data has
to be read.
When all the endpoint FIFO Bytes have been read, the firmware should clear the RXOUB0 bit to
allow the USB controller to accept the next OUT packet on the endpoint bank 0. This action
switches the endpoint bank 0 and 1. Until the RXOUTB0 bit has been cleared by the firmware,
the USB controller will answer a NAK handshake for each OUT requests on the bank 0 endpoint
FIFO.
When a new valid OUT packet is received on the endpoint bank 1, the RXOUTB1 bit is set by
the USB controller. This triggers an interrupt if enabled. The firmware empties the bank 1 end-
OUT
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO bank 0 - Read Byte 1
RXOUTB0
Endpoint FIFO bank 0 - Read Byte 2
Endpoint FIFO bank 0 - Read Byte n
Clear RXOUTB0
OUT
DATA1 (m Bytes)
ACK
RXOUTB1
Endpoint FIFO bank 1 - Read Byte 1
Endpoint FIFO bank 1 - Read Byte 2
Endpoint FIFO bank 1 - Read Byte m
Clear RXOUTB1
OUT
DATA0 (p Bytes)
ACK
RXOUTB0
Endpoint FIFO bank 0 - Read Byte 1
Endpoint FIFO bank 0 - Read Byte 2
Endpoint FIFO bank 0 - Read Byte p
Clear RXOUTB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com