Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 10Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 212 page
background image
14
4109J–8051–10/06
AT8xC51SND1C
Figure 5-4.
PLL Block Diagram and Symbol
Figure 5-5.
PLL Filter Connection
5.3.2
PLL Programming
The PLL is programmed using the flow shown in Figure 5-6. As soon as clock generation is
enabled, the user must wait until the lock indicator is set to ensure the clock output is stable. The
PLL clock frequency will depend on MP3 decoder clock and audio interface clock frequencies.
Figure 5-6.
PLL Programming Flow
PLLEN
PLLCON.1
N6:0
N divider
R divider
VCO
PLLclk
OSCclk
R
1
+
()
×
N1
+
-----------------------------------------------
=
OSC
CLOCK
PFLD
PLOCK
PLLCON.0
PFILT
CHP
Vref
Up
Down
R9:0
PLL
CLOCK
PLL Clock Symbol
PLL
Clock
VSS
FILT
R
C1
C2
VSS
PLL
Programming
Configure Dividers
N6:0 = xxxxxxb
R9:0 = xxxxxxxxxxb
Enable PLL
PLLRES = 0
PLLEN = 1
PLL Locked?
PLOCK = 1?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com