Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 132 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 132 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 128Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 129Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 130Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 131Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 132Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 133Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 134Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 135Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 136Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 212 page
background image
132
4109J–8051–10/06
AT8xC51SND1C
Table 111. External Data Memory Interface Signals
16.2
Registers
Table 112. DAT16H Register
DAT16H (S:F9h) – Data 16 High Order Byte
Reset Value =XXXX XXXXb
Signal
Name
Type
Description
Alternate
Function
A15:8
I/O
Address Lines
Upper address lines for the external bus.
Multiplexed higher address and data lines for the IDE interface.
P2.7:0
AD7:0
I/O
Address/Data Lines
Multiplexed lower address and data lines for the IDE interface.
P0.7:0
ALE
O
Address Latch Enable
ALE signals indicates that valid address information is available on lines
AD7:0.
-
RD
O
Read
Read signal output to external data memory.
P3.7
WR
O
Write
Write signal output to external memory.
P3.6
7654
3210
D15
D14
D13
D12
D11
D10
D9
D8
Bit
Number
Bit
Mnemonic
Description
7 - 0
D15:8
Data 16 High Order Byte
When EXT16 bit is set, DAT16H is set by software with the high order data Byte
prior any MOVX write instruction.
When EXT16 bit is set, DAT16H contains the high order data Byte after any
MOVX read instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com