Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 155 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 151Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 152Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 153Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 154Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 155Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 156Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 157Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 158Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 212 page
background image
155
4109J–8051–10/06
AT8xC51SND1C
Figure 18-12. Slave SPI Interrupt Policy Flows
18.4
Registers
Table 122. SPCON Register
SPCON (S:C3h) – SPI Control Register
SPI Initialization
Interrupt Policy
Enable interrupt
ESPI =1
SPI Interrupt
Service Routine
Select Slave Mode
MSTR = 0
Select Format
program CPOL & CPHA
Enable SPI
SPEN = 1
Get Status
Read SPSTA
Prepare New Transfer
write data in SPDAT
Get Data Received
read SPDAT
Prepare Transfer
write data in SPDAT
7654
3210
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
Bit
Number
Bit
Mnemonic
Description
7
SPR2
SPI Rate Bit 2
Refer to Table 121 for bit rate description.
6SPEN
SPI Enable Bit
Set to enable the SPI interface.
Clear to disable the SPI interface.
5SSDIS
Slave Select Input Disable Bit
Set to disable SS in both master and slave modes. In slave mode this bit has no
effect if CPHA = 0.
Clear to enable SS in both master and slave modes.
4MSTR
Master Mode Select
Set to select the master mode.
Clear to select the slave mode.
3CPOL
SPI Clock Polarity Bit
(1)
Set to have the clock output set to high level in idle state.
Clear to have the clock output set to low level in idle state.
2CPHA
SPI Clock Phase Bit
Set to have the data sampled when the clock returns to idle state (see CPOL).
Clear to have the data sampled when the clock leaves the idle state (see CPOL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com