Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 190 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 190 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 186Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 187Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 188Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 189Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 190Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 191Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 192Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 193Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 194Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 212 page
background image
190
4109J–8051–10/06
AT8xC51SND1C
22.3.3.2
Timings
Test conditions: capacitive load on all pins= 50 pF.
Table 156. External IDE 16-bit Bus Cycle - Data Read AC Timings
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Table 157. External IDE 16-bit Bus Cycle - Data Write AC Timings
VDD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Variable Clock
Standard Mode
Variable Clock
X2 Mode
Unit
Min
Max
Min
Max
TCLCL
Clock Period
50
50
ns
TLHLL
ALE Pulse Width
2·TCLCL-15
TCLCL-15
ns
TAVLL
Address Valid to ALE Low
TCLCL-20
0.5·TCLCL-20
ns
TLLAX
Address hold after ALE Low
TCLCL-20
0.5·TCLCL-20
ns
TLLRL
ALE Low to RD Low
3·TCLCL-30
1.5·TCLCL-30
ns
TRLRH
RD Pulse Width
6·TCLCL-25
3·TCLCL-25
ns
TRHLH
RD high to ALE High
TCLCL-20
TCLCL+20
0.5·TCLCL-20 0.5·TCLCL+20
ns
TAVDV
Address Valid to Valid Data In
9·TCLCL-65
4.5·TCLCL-65
ns
TAVRL
Address Valid to RD Low
4·TCLCL-30
2·TCLCL-30
ns
TRLDV
RD Low to Valid Data
5·TCLCL-30
2.5·TCLCL-30
ns
TRLAZ
RD Low to Address Float
0
0
ns
TRHDX
Data Hold After RD High
0
0
ns
TRHDZ
Data Float After RD High
2·TCLCL-25
TCLCL-25
ns
Symbol
Parameter
Variable Clock
Standard Mode
Variable Clock
X2 Mode
Unit
Min
Max
Min
Max
TCLCL
Clock Period
50
50
ns
TLHLL
ALE Pulse Width
2·TCLCL-15
TCLCL-15
ns
TAVLL
Address Valid to ALE Low
TCLCL-20
0.5·TCLCL-20
ns
TLLAX
Address hold after ALE Low
TCLCL-20
0.5·TCLCL-20
ns
T
LLWL
ALE Low to WR Low
3·T
CLCL-30
1.5·T
CLCL-30
ns
T
WLWH
WR Pulse Width
6·T
CLCL-25
3·T
CLCL-25
ns
T
WHLH
WR High to ALE High
T
CLCL-20
T
CLCL+20
0.5·T
CLCL-20
0.5·T
CLCL+20
ns
T
AVWL
Address Valid to WR Low
4·T
CLCL-30
2·T
CLCL-30
ns
T
QVWH
Data Valid to WR High
7·T
CLCL-20
3.5·T
CLCL-20
ns
T
WHQX
Data Hold after WR High
T
CLCL-15
0.5·T
CLCL-15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com