Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 21 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 21 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 17Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 18Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 19Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 20Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 21Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 22Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 23Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 24Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 25Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
active state at reset with a memory range of 64 Kbytes (F0000h to FFFFFh), external ready required, and
three wait states automatically inserted. The upper end of the memory range always ends at FFFFFh,
whereas the lower end of this upper memory range is programmable.
The value of the UMCS register is F03Bh at reset.
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
1
LB2 – LB0
0
0
0
0
DA
0
1 1 1 R2 R1-R0
Reserved [15] (bit 15) – Set to 1.
LB [2:0] (bits 14–12) – Lower Boundary. These bits determine the bottom of the memory accessed
by the ucs_n chip selects.
UMCS Block Size Programming Values
Memory
Block
Size
Starting
Address
LB2 – LB0
Comments
64K
F0000h
111b
Default
128K
E0000h
110b
256K
C0000h
100b
512K
80000h
000b
Reserved (bits 11 – 8)
DA (bit 7) – Disable Address. When set to 0, the address is driven onto the address bus (ad15 – ad0)
during the address phase of a bus cycle when ucs_n is asserted. If DA is set to 1, the address bus is
disabled, and the address is not driven on the address bus when ucs_n is asserted, providing some
measure of power saving. This bit is set to 0 at reset.
If bhe_n/aden_n is held at 0 during the rising edge of res_n, then the address bus is always driven
independent of the setting of DA.
Reserved (bit 6) – Set to 0.
Reserved (bit 5 – 3) – Set to 1.
R2 (bit 2) Ready Mode – When this bit is set to 0, an external ready is required. But when set to 1, the
external ready is ignored. In either case, however, the value of the R1 - R0 bits determine the number
of wait states inserted.
R [1:0] (bits 1-0) - Wait-State Value. The number of wait states inserted into an access to the lcs_n
memory area is determined by the value of these bits. This number ranges from 0 to 3 (R1 – R0 = 00b
to 11b).
SPBAUD (088h) - Serial Port BAUD Rate Divisor Register.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com