Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 64 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 64 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 60Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 61Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 62Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 63Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 64Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 65Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 66Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 67Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 68Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
int3/inta1_n/irq – Maskable Interrupt Request 3 (asynchronous input) / Interrupt Acknowledge 1
(synchronous output) / Interrupt Acknowledge (synchronous output)
int3 - The int3 pin provides an indication that an interrupt request has occurred, and provided that int3 is
not masked, program execution will continue at the location specified by the int3 vector in the interrupt
vector table. Although interrupt requests are asynchronous, they are synchronized internally and may be
edge- or level-triggered. The assertion of the interrupt request must be maintained until it is handled, to
ensure that it is recognized. When int1 is configured to be in cascade mode, int3 changes its function to
inta1_n.
inta1_n – this function indicates to the system that the microcontroller requires an interrupt type in
response to the interrupt request int1 when the microcontroller’s Interrupt Control Unit is in cascade
mode. The peripheral device that issued the interrupt must provide the interrupt type.
irq – With the Interrupt Control Unit of the microcontroller in slave mode, the signal on this pin allows
the microcontroller to output an interrupt request to the external master interrupt controller.
int4/pio30 – Maskable Interrupt Request 4 (asynchronous input)
int4 - The int4 pin provides an indication that an interrupt request has occurred, and provided that int4 is
not masked, program execution will continue at the location specified by the int4 vector in the interrupt
vector table. Although interrupt requests are asynchronous, they are synchronized internally and may be
edge- or level-triggered. The assertion of the interrupt request must be maintained until it is handled, to
ensure that it is recognized.
lcs_n/once0_n – Lower Memory Chip Select (synchronous output with internal pull-up) / ONCE
Mode Request (input)
lcs_n - The lcs_n pin provides an indication that a memory access is occurring to the lower memory
block. The size of the Lower Memory Block and its base address are programmable, with the size
adjustable up to 512 Kbytes. lcs_n is held high during bus hold.
once0_n – (ONCE – ON Circuit Emulation). This pin and its companion pin once1_n define the
microcontroller mode during reset. These two pins are sampled on the rising edge of res_n and if both
are asserted low the microcontroller starts in ONCE mode, else it starts normally. In ONCE mode, all
pins are tristated and remain so until a subsequent reset. To prevent the microcontroller from entering
ONCE mode inadvertently, this pin has a weak pull-up that is only present during reset. Finally, this pin
is not tristated during bus hold.
mcs2_n – mcs0_n (no pio - pio15 – pio 14) – Midrange Memory Chip Selects (synchronous outputs
with internal pull-up)
mcs0_n - The mcs2_n and mcs0_n pins provide an indication that a memory access is in train to either
the second or third midrange memory block. The size of the Midrange Memory Block and its base
address are programmable. mcs2_n – mcs0_n are held high during bus hold and have weak pull-ups that
are only present during reset.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com