Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 16 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 16 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 12Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 13Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 14Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 15Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 16Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 17Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 18Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 19Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 20Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
DSA [15:0] (bits 15-0) – DMA Source Address Low bits are placed onto a15-a0 during the read phase
of a DMA transfer.
MPCS (0a8h) - MCS and PCS Auxiliary Register.
This register controls more than one type of chip select, making it different from the other chip select
control registers. The MPCS register contains information for the following, mcs3_n - mcs0_n as well as
pcs6_n - pcs5_n and pcs3_n - pcs0_n.
The MPCS register also contains a bit that configures the pcs6_n - pcs5_n pins as either chip selects or as
alternate sources for the A2 and A1 address bits. Either address bits a1 & a2 or pcs6_n - pcs5_n are
selected to the exclusion of the other. When programmed for address bits, these outputs can be used to
provide latched address bits for a2 & a1
pcs6_n - pcs5_n are high and not active on processor reset. An access to the MPCS register causes the
pins to activate, when the pcs6_n - pcs5_n are configured as address pins. The pcs6_n - pcs5_n pins do
not require corresponding access to the PACS register to be activated.
The value of the MPCS register is undefined at reset.
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
1
M6-M0
EX MS 1 1 1 R2
R1-R0
Reserved (bit 15) – Set to 1.
M [6:0] (bits14-8) MCS_n Block Size – These seven bits determine the total block size for the
MCS3_n - MCS0_n chip selects. The total block size is divided equally among the four chip selects.
The following table shows the relationship between M [6:0] and the size of the memory block.
Total Block
Size
Individual
Select Size
M6 – M0
8K
2K
0000001b
16K
4K
0000010b
32K
8K
0000100b
64K
16K
0001000b
128K
32K
0010000b
256K
64K
0100000b
512K
128K
1000000b
EX (bit7) Pin Selector – This bit determines whether the pcs6_n - pcs5_n pins are configured as chip
selects or as alternate outputs for a2 & a1. When this bit is set to 1, pcs6_n - pcs5_n are configured
as peripheral chip select pins, whereas when set to 0, pcs6_n - pcs5_n become address bit a1 and
address bit a2 respectively.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com