Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 9 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 9 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 5Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 6Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 7Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 8Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 9Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 10Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 11Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 12Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 13Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
RELREG (0feh) - The Peripheral Control Block RELocation REGister maps the entire Peripheral
Control Block Register Bank to either I/O or memory space. In addition, RELREG contains a bit which
places the Interrupt Controller in either Master or Slave mode.
The RELREG contains 20ffh at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RES S/Mn RES IO/Mn
RA [19:8]
RES (bit 15) - Reserved.
S/Mn (bit 14) – A 1 in this bit places the Interrupt Controller into slave mode. When set to zero, the
Interrupt Controller is in master mode.
RES (bit 13) - Reserved.
IO/Mn (bit 12)- A 1 in this bit maps the Peripheral Control Block Register Bank into IO space. When
set to zero, the Peripheral Control Block is mapped into memory space.
RA [19:8] (bits 11-0) – Sets the base address (upper 12 bits) of the Peripheral Control Block Register
Bank. RA [7:0} default to zero. Note that when bit 12 (IO/M_n) is a 1, RA [19:16] are ignored.
RESCON (0f6h) - The RESet CONfiguration Register latches user-defined information present at
specified pins at the rising edge of reset. This contents of this register are read-only and remain valid until
the next reset.
The RESCON contains user-defined information at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RC [15:0]
RC [15:0] (bits 15-0) – At the rising edge of reset, the values of specified pins (ad [15:0] for the
IA186Es and {ao [15:8], ad [7:0]} for the IA188EM) are latched into this register.
PRL (0f4h) - The Processor Release Level Register contains a code corresponding to the latest processor
production release. The PRL is a Read-Only Register
The PRL contains 0400h.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PRL [7:0]
RES
PRL [7:0] (bits 15-8) – The latest Processor Release Level.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com