Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 45 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 45 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 41Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 42Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 43Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 44Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 45Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 46Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 47Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 48Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 49Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Master Mode
The In Service flags of the In-Service register are reset when a write is made to the EOI register.
The interrupt service routine (ISR) should write to the EOI to reset the IS bit, in the In-Service register,
for the interrupt before executing an IRET instruction that ends an interrupt service routine.
The specific EOI reset is the preferred method for resetting the IS bits as it is most secure.
The EOI register is write-only.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NSPEC
Reserved
S4 – S0
NSPEQ (bit 15) – Non-Specific EOI. This bit is set to 1 a non-specific EOI and when set to 0 it
indicates the specific EOI.
Reserved (bits 14-5)
S [4:0] (bit 4-0) – Source Interrupt Type. These bits show the interrupt type of the highest priority
pending interrupt.
EOI (022h) – Specific End-Of-Interrupt Register.
Slave Mode
An In Service flag of a specific priority, in the In-Service register, is reset when a write is made to the
EOI register.
A three-bit user supplied priority-level value that points to the in-service bit that is to be reset. Writing
this value to this register resets the specific bit.
The EOI register is write only and undefined at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
L2 – L0
Reserved (bits 15-3) – Write as 0.
L[2:0] (bit 2-0) – Interrupt Type. The priority or the IS (interrupt service) bit to be reset is encoded in
these three bits. Writing to these bits caused the issuance of an EOI for the interrupt type. See Table
3 - Interrupt Types.
INTVEC (020h) –INTerrupt VECtor Register.
Slave Mode
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com