Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 46 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 46 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 42Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 43Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 44Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 45Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 46Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 47Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 48Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 49Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 50Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
The CPU shifts left 2 bits (multiplies by 4) an 8-bit interrupt type, generated by the interrupt controller, to
produce an offset into the interrupt vector table.
The INTVEC register is undefined at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
T4 – T0
0
0
0
Reserved (bits 15-8) – Read as 0.
T [4:0] (bits 7-3) – Interrupt Type. These five bits contain the five most significant bits of the
interrupt types used for the internal interrupt type. The least significant three bits of the interrupt type
are supplied by the interrupt controller, as set by the priority level of the interrupt request.
Reserved (bits 2-0) – Read as 0.
SSR (018h) – Synchronous Serial Receive Register.
This register holds the serial data received on the SSI port.
The value of the SSR register is undefined at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SR7-SR0
Reserved (bits 15-8) – Reserved Bits.
SR[7:0] (bits 7-0) – Data received over the SDATA pin.
SSD0 (016h) – Synchronous Serial Transmit Registers.
SSD0 (014h)
These registers hold the data to be transmitted by the SSI ports.
The value of these registers is undefined at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SD7-SD0
Reserved (bits 15-8) – Reserved Bits.
SD[7:0] (bits 7-0) – Data to be transmitted over the SDATA pin.
SSC (012h) – Synchronous Serial Control Register.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com