Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 32 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 32 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 28Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 29Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 30Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 31Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 32Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 33Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 34Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 35Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 36Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
CONT (bit 0) – Continuous Mode Bit. The timer will run continuously when this bit is set to 1. The
timer will stop after each count run and EN will be cleared if this bit is set to 0.
T2COMPA (062h), - Timer Maxcount COMpare Registers.
T1COMPB (05ch)
T1COMPA (05ah)
T0COMPB (054h)
T0COMPA (052h)
These registers contain the maximum count value that is compared to the respective count register. Timer
0 and Timer 1 have two of these compare registers each.
If Timer 0 or Timer 1 or both are configured to count and compare firstly to register A and then register
B, the tmrout0 or tmrout1 signals may be used to generate various duty-cycle wave forms.
Timer 2 has only one compare register, T2COMPA.
If one of these timer maxcount compare registers is set to 0000h, the respective timer will count from
0000h to FFFFh before generating an interrupt request. For example, a timer configured in this manner
with a 40MHz clock will interrupt every 6.5536 mS.
The value of these registers is undefined at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TC15 – TC0
TC [15:0] (bits 15-0) – Timer Compare Value. The timer will count to the value in the respective
register before resetting the count value to 0.
T2CNT (060h) - Timer CouNT Registers.
T1CNT (058h)
T0CNT (050h),
These registers are incremented by one every four internal clock cycles if the relevant timer is enabled.
The Increment of Timer 0 and Timer 1 may also be controlled by external signals tmrin0 and tmrin1
respectively, or prescaled by Timer 2.
Comparisons are made between the count registers and maxcount registers and action taken dependent on
achieving the maximum count.
The value of these registers is undefined at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TC15 – TC0
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com