Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 33 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 33 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 29Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 30Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 31Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 32Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 33Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 34Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 35Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 36Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 37Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
TC [15:0] (bits 15-0) – Timer Count Value. This register has the value of the current count of the
related timer that is incremented every fourth processor clock in internal clocked mode. Alternatively,
the register is incremented each time the Timer 2 maxcount is reached if using Timer 2 as a prescaler.
Timer 0 and Timer 1 may be externally clocked by tmrin0 and tmrin1 signals.
SPICON (044h) - Serial Port Interrupt CONtrol Register.
Master Mode
This register controls the operation of the asynchronous serial port interrupt source (SPI, bit 10 in of the
Interrupt Request register)
The value of this register is 001Fh at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Res
MSK
PR2-PR0
Reserved (bits 15-5) – Set to 0.
Reserved (bit 4) – Set to1.
MSK (bit 3) – Mask. This bit, when 0, enables the serial port to cause an interrupt. When this bit is 1,
the serial port is prevented from generating an interrupt.
PR2-PR0 (bits 2-0) – Priority. These bits define the priority of the serial port interrupt in relation to
other interrupt signals. The interrupt priority is the lowest at 7 at reset. The values of PR2 – PR0 are
shown in the following table.
Priority Level
Priority
PR2 – PR0
(High) 0
000b
1
001b
2
010b
3
011b
4
100b
5
101b
6
110b
(Low) 7
111b
WDCON (044h) – WatchDog timer interrupt CONtrol Register.
Master Mode
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com