Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 55 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 55 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 51Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 52Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 53Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 54Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 55Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 56Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 57Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 58Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 59Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Interrupt Table Notes
If the user does not change priority levels, the default priority level will be used for the interrupt sources.
1. Instruction execution generates interrupts.
2. Performed in the same manner as for the 8086 & 8088.
3. An ESC opcode causes a trap.
4. Only one IRQ is generated for the three timers so they share priority level with regard to other
sources. The timers themselves have an interrupt priority order among themselves (2A > 2B > 2C).
5. These interrupt types are programmable in Slave mode.
6. Not available in slave mode.
Timer Control
The IA186EM and IA188EM each have three 16-bit programmable timers.
Timer0 and timer1 each have an input and an output connected to external pins that permit them to count
or time events, produce variable duty-cycle waveforms or non-repetitive waveforms. Timer1 can also be
configured as a Watchdog timer.
Timer2 does not have any external connections. Therefore, it is confined to internal functions such as
real-time coding, time-delay applications, a prescaler for timer0 and timer1, or to synchronize DMA
transfers.
The Peripheral Control Block contains eleven 16-bit registers to control the programmable timers. The
present value of the timer is located in the associated timer-count register, which may be read from or
written to at any time regardless of whether the timer is in operation or not. The value of the timer-count
register is incremented by the microcontroller every time a timer event takes place.
The maximum value that each timer can reach is determined by the value stored in the associated
maximum count register. Upon reaching this maximum count value, the timer count register is reset to 0
in the same clock cycle that this count was attained, so that the timer count register does not store this
maximum value. Both timer0 and timer1 have two maximum count registers, a primary and a secondary
register, permitting each timer to alternate between two discrete maximum values.
Timer0 and timer1 can have the maximum count registers configured in one of two ways, primary only or
both primary and secondary. If only the primary is configured to operate, on reaching the maximum
count the output pin will go low for one clock period. If both the primary and secondary registers are
enabled, the output pin reflects the state of whichever of the two registers is in control at the time,
generating the required waveform that is dependent on the two values in the maximum count registers.
The timers can operate at a quarter of the internal clock frequency, as they are polled every fourth clock
period. Alternatively, an external clock can be used. However, in this case the timer output can take six
clock cycles to respond to the input.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com