Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 39 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 39 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 35Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 36Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 37Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 38Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 39Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 40Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 41Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 42Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 43Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
15
14
13
12
11
10
9
8
7
6
5 4
3
2
1
0
DHLT
Reserved
TMR2 - TMR0
DHLT (bit 15) – DMA Halt. DMA activity is halted when this bit is 1. It is set to 1 automatically
when any non-maskable interrupt occurs and is cleared to 0 when an IRET instruction is executed.
Reserved (bits 14-3)
TMR [2:0] (bit 2-0) – Timer Interrupt Request. A pending interrupt request is indicated by the
respective timer, when any of these bits is 1. (N.B. the TMR bit in the REQST register is a logical OR
of these timer interrupt requests.)
REQST (02eh) – Interrupt REQueST Register.
Master Mode
This is a read-only register and such a read results in the status of the interrupt request bits presented to
the interrupt controller.
The REQST register is undefined on reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SPI WD I4 I3 I2 I1 IO
D1- D0
Res TMR
Reserved (bits 15 – 11)
SPI (bit 10) – Serial Port Interrupt Request. This is the serial port interrupt state and when enabled is
the logical OR of all the serial port 0 interrupt sources: - THRE, RDR, BRKI, FER, PER, and OER.
WD (bit 9) – Watchdog Timer Interrupt Request. This is the watchdog interrupt state and indicates
that an interrupt is pending when it is a 1.
I [4:0] (bits 8 - 4) Interrupt Requests. Setting any of these bits to 1 indicates that the relevant
interrupt has a pending interrupt.
D1-D0 (bit 3:2) DMA Channel Interrupt 6 Request. Setting either bit to 1 indicates that either the
respective DMA channel has a pending interrupt.
Reserved (bit 1)
TMR (bit 0) – Timer Interrupt Request. This is the timer interrupt state and is the logical OR of the
timer interrupt requests. Setting this bit to 1 indicates that the timer control unit has a pending
interrupt.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com