Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 71 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 71 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 67Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 68Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 69Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 70Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 71Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 72Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 73Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 74Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 75Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Instruction Set Summary
NOTE
Key to abbreviations appears at the end of the table.
Instruction
Opcode - Hex
Clock Cycles
Flags Affected
Mnemonic
Description
byte
1
byte
2
byte
3-6
IA186
IA188
O D I
T S Z A P C
AAA
ASCII adjust AL after add
37
-
-
8
8
U -
-
-
U U R U R
AAD
ASCII adjust AX before divide.
D5
0A
-
15
15
U -
-
-
R R U R U
AAM
ASCII adjust AL after multiply
D4
0A
-
19
19
U -
-
-
R R U R U
AAS
ASCII adjust AL after subtract
3F
-
-
7
7
U -
-
-
U U R U R
Add imm8 to AL with carry
14
ib
-
3
3
Add imm16 to AX with carry
15
iw
-
4
4
Add imm8 to r/m8 with carry
80
/2
ib
-
4/16
4/16
Add imm16 to r/m16 with carry
81
/2
iw
-
4/16
4/20
Add sign extended imm8 to r/m16
with carry
83
/2
ib
-
4/16
4/20
Add byte reg to r/m8 with carry
10
/r
-
3/10
3/10
Add word reg to r/m16 with carry
11
/r
-
3/10
3/14
Add r/m8 to byte reg with carry
12
/r
-
3/10
3/10
ADC
Add r/m16 to word reg with carry
13
/r
-
3/10
3/14
R -
-
-
R R R R R
Add imm8 to AL
04
ib
-
3
3
Add imm16 to AX
05
iw
-
4
4
Add imm8 to r/m8
80
/0
ib
-
4/16
4/16
Add imm16 to r/m16
81
/0
iw
-
4/16
4/20
Add sign extended imm8 to r/m16
83
/0
ib
-
4/16
4/20
Add byte reg. to r/m8
00
/r
-
3/10
3/10
Add word reg. to r/m16
01
/r
-
3/10
3/14
Add r/m8 to byte reg
02
/r
-
3/10
3/10
ADD
Add r/m16 to word reg
03
/r
-
3/10
3/14
R -
-
-
R R R R R
And imm8 with AL
24
ib
3
3
And imm16 with AX
25
iw
4
4
And imm8 with r/m8
80
/4
ib
4/16
4/16
And imm16 with r/m16
81
/4
iw
4/16
4/20
And sign-extended imm8 with
r/m16
83
/4
ib
4/16
4/20
AND
And byte reg. with r/m8
20
/r
3/10
3/10
0 -
-
-
R R U R
0
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com