Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 42 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 42 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 38Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 39Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 40Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 41Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 42Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 43Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 44Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 45Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 46Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
PRM2 – PRM0
Reserved (bits 15 – 3) – Set to 0.
PRM 2-PRM0 (bits 2 - 0) Priority Field Mask. This three-bit field sets the minimum priority
necessary for a maskable interrupt to generate an interrupt. Any maskable interrupt with a
numerically higher value than that contained by these three bits is masked.
Priority Level
Priority
PR2 – PR0
(High) 0
0 0 0b
1
0 0 1b
2
0 1 0b
3
0 1 1b
4
1 0 0b
5
1 0 1b
6
1 1 0b
(Low) 7
1 1 1b
Any unmasked interrupt can generate an interrupt if the priority level is set to 7. On the other hand, if
the priority level is set to say 4, only unmasked interrupts with a priority of 0 to 5 are permitted to
generate interrupts.
IMASK (028h) – Interrupt MASK Register.
Master Mode
The interrupt mask register is read/write. Setting a bit in this register is effectively the same as setting the
MSK bit in the corresponding interrupt control register. Setting a bit to 1 masks the interrupt. The
interrupt request is enabled when the corresponding bit is set to 0.
The IMASK register contains 07fdh on reset
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SPI WD I4 I3 I2 I1 I0
D1-D0
Res
TMR
Reserved (bits 15 – 11)
SPI (bit 10) – Serial Port Interrupt Mask. Setting this bit to 1 is an indication that the asynchronous
serial port interrupt is masked.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com