Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 22 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 22 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 18Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 19Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 20Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 21Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 22Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 23Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 24Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 25Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 26Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
The value in this register determines the number of internal processor cycles in one phase (half-period) of
the 32 x serial clock.
The contents of these registers must be adjusted to reflect the new processor clock frequency if power-
save mode is in effect.
The baud rate divisor may be calculated from:
BAUDDIV = (Processor Frequency / (32 x baud rate)) -1
By setting the BAUDDIV to 0000h, the maximum baud rate of 1/32 of the internal processor frequency
clock is set. Setting BAUDDIV to 129 (81h) provides a baud rate of 9600 at 40MHz. The baud rate
tolerance is +4.6% and –1.9% with respect to the actual serial port baud rate, not the target baud rate.
Baud Rates
Divisor Based on CPU Clock Rate
Baud Rate
20 MHz
25 MHz
33 MHz
40 MHz
300
2082
2603
3471
4165
600
1040
1301
1735
2082
1200
519
650
867
1040
2400
259
324
433
519
4800
129
161
216
259
9600
64
80
107
129
14400
42
53
71
85
19200
31
39
53
64
625 Kbaud
0
n/a
n/a
1
781.25 Kbaud
n/a
0
n/a
n/a
1.041 Mbaud
n/a
n/a
0
n/a
1.25 Mbaud
n/a
n/a
n/a
0
The value of the SPBAUD register at reset is undefined.
15
14
13
12
11
10
9
8
7 6 5 4 3
2
1
0
BAUDDIV
BAUDDIV [15:0] (bits 15-0) – Baud Rate Divisor. Defines the divisor for the internal processor
clock.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com