Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 15 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 15 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 11Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 12Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 13Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 14Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 15Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 16Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 17Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 18Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 19Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
D0DSTL (0c4h)
The sixteen bits of these registers are combined with the four bits of the respective DMA Destination
Address High Register to produce a 20-bit destination address.
The D0DSTL and D1DSTL registers are undefined at reset.
15
14
13
12
11
10
9
8
7 6 5 4 3
2
1
0
DDA15 – DDA0
DDA [15:0] (bits 15-0) – DMA Destination Address Low bits are driven onto A15-A0 during the
write phase of a DMA transfer.
D1SRCH (0d2h) - DMA SouRCe Address High Register.
D0SRCH (0c2h)
The 20-bit source address consists of these four bits combined with the 16-bits of the respective Source
Address Low Register. A DMA transfer requires that two complete 16-bit registers in the peripheral
control block (high and low registers) be used for both the source and destination addresses of each DMA
channel involved. Each DMA channel requires that all four address registers be initialized. Each address
may be incremented or decremented independently of the other after each transfer. The addresses are
incremented or decremented by 2 for word transfers and incremented or decremented by 1 for byte
transfers.
The D0SRCH and D1SRCHL registers are undefined at reset.
15
14
13
12
11
10
9
8
7 6 5 4 3
2
1
0
Reserved
DSA19 –DSA16
Reserved [15:4] (bits 15-4) – Reserved
DSA [19:16] (bits 3-0) – DMA Source Address High bits are driven onto A19-A16 during the read
phase of a DMA transfer.
D1SRCL (0d0h) - DMA SouRCe Address Low Register.
D0SRCL (0c0h)
The sixteen bits of these registers are combined with the four bits of the respective DMA Source Address
High register to produce a 20-bit source address.
The D0SRCL and D1SRCL registers are undefined at reset.
15
14
13
12
11
10
9
8
7 6 5 4 3
2
1
0
DSA15-DSA0
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com