Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 47 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 47 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 43Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 44Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 45Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 46Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 47Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 48Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 49Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 50Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 51Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
This register controls the operation of the sden1 and sden0 outputs and the baud rate of the SSI port. The
sden1 and sden0 outputs are held high when the respective bit is set to 1, but in the event that both DE1
and DE0 are set to 1 then only sden0 will be held high.
The value of the SSR register is 0000h at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SCLKDIV
RES
DE1-DE0
Reserved (bits 15-6) – Reserved Bits.
SCLKDIV (bits 5-4) – SCLK Divide. These bits set the SCLK frequency. SCLK is the result of
dividing the internal processor clock by 2, 4, 8, or 16 as in the following table.
SCLKDIV
SCLK Frequency Divider
00b
Processor Clock /2
01b
Processor Clock /4
10b
Processor Clock /8
11b
Processor Clock /16
RES (bits 3-2) – Reserved Bits.
DE1 (bit1) - SDEN1. The SDEN1 bit is held high when this bit is set to 1 and SDEN1 is held low
when this bit is set to 0.
DE0 (bit0) – SDEN0. The SDEN0 bit is held high when this bit is set to 1 and SDEN0 is held low
when this bit is set to 0.
SSS (010h) – Synchronous Serial Status Register.
This is a read only register that indicates the state of the SSI port.
The value of the SSR register is 0000h at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
RE/TE DR/DT PB
Reserved (bits 15-3) – Reserved Bits.
RE/TE (bit 2) – Receive/Transmit Error Detect. This bit is set to 1 when a read of the Synchronous
Serial Received register or a write to one of the transmit register is detected while the interface is busy
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com