Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 8 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 8 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 4Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 5Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 6Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 7Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 8Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 9Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 10Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 11Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 12Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Register Name
Offset
Peripheral Control Block Registers
PCB Relocation Register
FEh
Reset Configuration Register
F6h
Processor Release Level Register
F4h
Power-Save Control Register
F0h
Enable RCU Register
E4h
Clock Prescaler Register
E2h
Memory Partition Register
E0h
DMA Registers
DMA1 Control Register
DAh
DMA1 Transfer Count Register
D8h
DMA1 Destination Address High Register
D6h
DMA1 Destination Address Low Register
D4h
DMA1 Source Address High Register
D2h
DMA1 Source Address Low Register
D0h
DMA0 Control Register
CAh
DMA0 Transfer Count Register
C8h
DMA0 Destination Address High Register
C6h
DMA0 Destination Address Low Register
C4h
DMA0 Source Address High Register
C2h
DMA0 Source Address Low Register
C0h
Chip-Select Registers
pcs_n and mcs_n Auxiliary Register
A8h
Mid-Range Memory Chip-Select Register
A6h
Peripheral Chip-Select Register
A4h
Low-Memory Chip-Select Register
A2h
Upper-Memory Chip-Select Register
A0h
Asynchronous Serial Port Register
Serial Port Baud Rate Divisor Register
88h
Serial Port Receive Register
86h
Serial Port Transmit Register
84h
Serial Port Status Register
82h
Serial Port Control Register
80h
PIO Registers
PIO Data 1 Register
7Ah
PIO Direction 1 Register
78h
PIO Mode 1 Register
76h
PIO Data 0 Register
74h
PIO Direction 0 Register
72h
PIO Mode 0 Register
70h
Register Name
Offset
Timer Registers
Timer 2 Mode & Control Register
66h
Timer 2 Max Count Compare A Register
62h
Timer 2 Count Register
60h
Timer 1 Mode & Control Register
5Eh
Timer 1 Max Count Compare B Register
5Ch
Timer 1 Max Count Compare A Register
5Ah
Timer 1 Count Register
58h
Timer 0 Mode & Control Register
56h
Timer 0 Max Count Compare B Register
54h
Timer 0 Max Count Compare A Register
52h
Timer 0 Count Register
50h
Interrupt Registers
Serial Port 0 Interrupt Control Register
44h
Watchdog Timer Control Register
42h
INT4 Interrupt Control Register
40h
INT3 Interrupt Control Register
3Eh
INT2 Interrupt Control Register
3Ch
INT1 Interrupt Control Register
3Ah
INT0 Interrupt Control Register
38h
DMA1 Interrupt Control Register
36h
DMA0 Interrupt Control Register
34h
Timer Interrupt Control Register
32h
Interrupt Status Register
30h
Interrupt Request Register
2Eh
In-Service Register
2Ch
Priority Mask Register
2Ah
Interrupt Mask Register
28h
Poll Status Register
26h
Poll Register
24h
End-of-Interrupt (EOI) Register
22h
Interrupt Vector Register
20h
Synchronous Serial Port Register
Synchronous Serial Receive Register
18h
Synchronous Serial Transmit 0 Register
16h
Synchronous Serial Transmit 1 Register
14h
Synchronous Serial Enable Register
12h
Synchronous Serial Status Register
10h
Table 1. Map of Peripheral Control Registers
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com