Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 67 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 67 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 63Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 64Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 65Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 66Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 67Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 68Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 69Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 70Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 71Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
rxd (pio28) - Receive Data (asynchronous input)
This signal connects asynchronous serial receive data from the system to the asynchronous serial port.
s2_n-s0_n - Bus Cycle Status (synchronous outputs with tristate)
These three signals inform the system of the type of bus cycle is in progress. s2_n may be used to
indicate whether the current access is to memory or I/O, and s1_n may be used to indicate whether data is
being transmitted or received. These signals are tristated during bus hold and hold acknowledge.
The coding for these pins is shown in the following table.
s2_n
s1_n
s0_n
Bus Cycle
0
0
0
Interrupt acknowledge
0
0
1
Read data from I/O
0
1
0
Write data to I/O
0
1
1
Halt
1
0
0
Instruction fetch
1
0
1
Read data from memory
1
1
0
Write data to memory
1
1
1
None (passive)
s6/clkdiv2_n (pio29) - Bus Cycle Status Bit 6 (synchronous output) /Clock Divide by 2 (input with
internal pull-up)
s6 - This signal is high during the second and remaining cycle periods, i.e. t2 – t4, indicating that a DMA–
initiated bus cycle is under way. s6 is tristated during bus hold or reset.
clkdiv2_n – The microcontroller enters clock divide-by-2 mode, if this signal is held low during power-
on-reset. In this mode, the PLL is disabled and the processor receives the external clock divided by 2.
Sampling of this pin occurs on the rising edge of res_n.
Should this pin be used as pio29 configured as an input, care should be taken that it is not driven low
during power-on-reset. This pin has an internal pull-up so it is not necessary to drive the pin high even
though it defaults to an input PIO.
sclk – Serial Clock (synchronous outputs with tristate)
This pin provides a slave device with a synchronous serial clock permitting synchronization of the
transmit and receive data exchanges between the slave and the microcontroller. sclk is the result of
dividing the internal clock by 2, 4, 8, or 16 dependent on the contents of the Synchronous Serial Control
(SSC) register bits 5-4. Accessing either the SSR of SSD registers activates the sclk for eight cycles.
When sclk is not active the microcontroller hold is high.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com