Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 25 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 25 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 21Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 22Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 23Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 24Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 25Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 26Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 27Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 28Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 29Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
RXIE (bit 10) – Receive Data Ready Interrupt Enable. This bit enables the generation of an interrupt
requests whenever the receive register contains valid data (RDR bit 1). The respective port does not
generate interrupts when this bit is 0. Interrupts continue to be generated as long as RDR and the
RXIE are 1.
LOOP (bit 9) – Loop-back. The serial port is placed into the loop-back mode when this bit is set.
BRK (bit 8) – Send Break. When this bit is set to 1, the txd pin is driven low, overriding any data that
may be in the course of being shifted out of the transmit shift register.
See the definitions of long and short break in the Serial Port Status register definition.
BRKVAL (bit 7) – Break Value. This is the ninth data bit transmitted when in modes 2 and 3. This bit
is cleared at each transmitted word and is not buffered. To transmit data with this bit set high, the
following procedure is recommended.
1. The TEMT bit in the serial port status register must go high.
2. Set the TB8 bit by writing it to the serial port control register.
3. Finally write the transmit character to the serial port transmit register.
Serial port 0 is a special case in that if this bit is 1, the associated pins are used for flow control
overriding the Peripheral Chip Select signals. This bit is 0 at reset.
PMODE (bits6:5) – Parity Mode. When this bit is set to 1, the txd pin is driven low overriding any
data that may be in the course of being shifted out of the transmit shift register.
See the definitions of long and short break in the Serial Port Status register definition.
WLGN (bit 4) – Word Length. The number of bits transmitted or received in a frame is determined by
the value of this bit. When this bit is 0, the number of data bits in a frame is 7 whereas when this bit is
1 the number of data bits in a frame is 8. This bit is 0 at reset.
STP (bit 3) – Stop Bits. This bit specifies the number of stop bits used to indicate the end of a frame.
When this bit is 0, the number of stop bits is 1. When it is 1, the number of stop bits is 2. This bit is 0
at reset.
TMODE (bit 2) – Transmit Mode. The transmit section of the serial port is enabled when this bit is 1
and disabled when this bit is 0.
RSIE (bit 1) – Receive Status Interrupt Enable. When an exception occurs during data reception an
interrupt request is generated if enabled by this bit (RSIE = 1). Interrupt requests are made for the
error conditions listed (BRK, OER, PER, and FER) in the serial port status register. This bit is 0 at
reset.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com