Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 84 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 84 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 80Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 81Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 82Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 83Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 84Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 85Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 86Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 87Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 88Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Instruction
Opcode - Hex
Clock Cycles
Flags Affected
Mnemonic
Description
byte
1
byte
2
byte
3-6
IA186
IA188
O D I
T S Z A P C
Divide unsigned of r/m8 by 2,
once
D0
/7
-
2/15
2/15
Divide unsigned of r/m8 by 2, CL
times
D2
/7
-
5+n/
17+n
5+n/
17+n
Divide unsigned of r/m8 by 2,
imm8 times
/7
ib
data
8
5+n/
17+n
5+n/
C0
17+n
Divide unsigned of r/m16 by 2,
once
D1
/7
-
2/15
2/15
Divide unsigned of r/m16 by 2, CL
times
D3
/7
-
5+n/
17+n
U
SHR
-
-
-
R R U R
0
5+n/
17+n
/7
ib
data
8
5+n/
17+n
5+n/
Divide unsigned of r/m16 by 2,
imm8 times
C1
17+n
SS
SS segment reg override prefix
36
-
-
-
-
-
-
-
-
-
-
-
-
-
STC
Set the Carry Flag to 1
-
2
2
-
-
F9
-
-
-
-
-
-
1
STD
Set the Direction Flag so the
source Index (SI) and/or the
Destination Index (DI) regs will
decrement during string
instructions
FD
-
-
2
2
-
1 -
-
-
-
-
-
-
STI
Enable maskable interrupts after
the next instruction
FB
-
-
2
2
-
-
1 -
-
-
-
-
-
Store AL in byte ES:[DI]; update DI
AA
-
-
10
10
STOS
Store AX in word ES:[DI]; update
DI
AB
-
-
10
14
STOSB
Store AL in byte ES:[DI]; update DI
AA
-
-
10
10
STOSW
Store AX in word ES:[DI]; update
DI
AB
-
-
-
-
-
-
-
-
-
-
10
14
-
Subtract imm8 from AL
2C
ib
-
3
3
Subtract imm16 from AX
2D
iw
-
4
4
Subtract imm8 from r/m8
80
/5
ib
-
4/16
4/16
81
/5
iw
-
4/16
4/20
Subtract imm16 from r/m16
Subtract sign-extended imm8 from
r/m16
83
/5
ib
-
4/16
4/20
SUB
R -
-
-
Subtract byte reg from r/m8
28
/r
-
3/10
3/10
Subtract word reg from r/m16
29
/r
-
3/10
3/14
Subtract r/m8 from byte reg
2A
/r
-
3/10
3/10
Subtract r/m16 from word reg
2B
/r
-
3/10
3/14
R R R R R
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com