Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PQF100I-R Datasheet(PDF) 126 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 126 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 122Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 123Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 124Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 125Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 126Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 127Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 128Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 129Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 130Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Dimensions in Inches
Dimensions in mm
Symbol
Minimum
Nominal
Maximum
Minimum
Nominal
Maximum
A
----
----
0.134
----
----
3.40
A1
0.010
----
----
0.25
----
----
A2
0.107
0.112
0.117
2.73
2.85
2.97
B
0.010
0.012
0.015
0.25
0.30
0.38
B1
0.009
0.012
0.013
0.22
0.30
0.33
C
0.005
0.006
0.009
0.13
0.15
0.23
C1
0.004
0.006
0.007
0.11
0.15
0.17
D
0.906
0.913
0.921
23.00
23.20
23.40
D1
0.783
0.787
0.791
19.90
20.00
20.10
E
0.669
0.677
0.685
17.00
17.20
17.40
E1
0.547
0.551
0.555
13.90
14.00
14.10
0.026 BSC
0.65 BSC
L
0.029
0.035
0.041
0.73
0.88
1.03
L1
0.063 BSC
1.60 BSC
R1
0.005
----
----
0.13
----
----
R2
0.005
----
0.012
0.13
----
0.30
S
0.008
----
----
0.20
----
----
Y
----
----
0.004
----
----
0.10
)
0
%
----
7
%
0
%
----
7
%
)1
0
%
----
----
0
%
----
----
)2
9
%
10
%
11
%
9
%
10
%
11
%
)3
9
%
10
%
11
%
9
%
10
%
11
%
e
NOTES
1. Dimensions D1 and E1 do not include mold protrusion. But mold mismatch is included.
Allowable Protrusion is 0.25mm/0.010
* per side.
2. Dimension B does not include Dambar protrusion. Allowable protrusion is 0.08mm/0.003
* total
in excess of the B dimension at maximum material condition. Dambar cannot be located on the
lower radius or the foot.
3. Controlling dimension: millimeter.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com