Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 120 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 116Page - STMicroelectronics SPSB100 Datasheet HTML 117Page - STMicroelectronics SPSB100 Datasheet HTML 118Page - STMicroelectronics SPSB100 Datasheet HTML 119Page - STMicroelectronics SPSB100 Datasheet HTML 120Page - STMicroelectronics SPSB100 Datasheet HTML 121Page - STMicroelectronics SPSB100 Datasheet HTML 122Page - STMicroelectronics SPSB100 Datasheet HTML 123Page - STMicroelectronics SPSB100 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 214 page
background image
9.5
Control registers
Table 59. DCR1 (0x01) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
0 (R/W)
0 (R/W)
RES
RES
RES
RES
RES
RES
WD_TIME_3
WD_TIME_2
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Watchdog trigger time 3
Watchdog trigger time 2
Table 60. DCR1 (0x01) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
RES
Reserved
18
RES
Reserved
17 WD_TIME_3
Watchdog trigger time
0000: Window 1
0001: Window 2 (default window once WD kick)
0010: Window 3
0011: Window 4
0100: Window 5
0101: Window 6
0110: Window 7
0111: Window 8
1000: Window 9
1001-1110: Window 10 → 5-50 ms window
1111: Stop watchdog
The modified WD trigger time is valid after the next WD trig (CSN transition low-high) protected by
SPI_PROTECT_ACCESS bit
16 WD_TIME_2
Table 61. DCR1 (0x01)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
1 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
WD_TIME_1
WD_TIME_0
VBUCK3_ENA
VBUCK2_ENA
VBUCK1_ENA
LDO1_ENA
LDO2_ENA
LOW_POWER_SET
Watchdog
trigger time 1
Watchdog
trigger time 0
BUCK3 enable
bit
BUCK2 enable
bit
BUCK1 enable
bit
LDO1 enable
bit
LDO2 enable
bit
Set low power mode
Table 62. DCR1 (0x01) description
Bit
Name
Description
15
WD_TIME_1
14
WD_TIME_0
13
VBUCK3_ENA
BUCK3 enable bit (default value link to start up sequence setting)
SPSB100
SPI registers
DS14640 - Rev 1
page 120/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com